PART |
Description |
Maker |
EVAL-ADT7410EBZ ADT7410 ADT7410TRZ ADT7410TRZ-REEL |
±0.5°C Accurate, 16-Bit Digital I<sup>2</sup>C Temperature Sensor; Package: 8-pin; Temperature Range: -55°C to 150°C 隆戮0.5隆?C Accurate, 16-Bit Digital I2C Temperature Sensor ±0.5°C Accurate, 16-Bit Digital I2C Temperature Sensor
|
ANALOG DEVICES INC
|
MAX8505EEE MAX8505 |
3A. 1MHz. 1% Accurate. Internal Switch Step-Down Regulator with Power-OK 3AMHz%精确度、内置开关的降压型调节器,带有电源就绪指 3A, 1MHz, 1% Accurate, Internal Switch Step-down Regulator With Power-ok 3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
LT1468-2 LT1468IDD-2-PBF LT1468IDD-2-TRPBF LT1468I |
200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp
|
Linear Technology
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
MAX6627 MAX6627MKA-T MAX6628MKA-T MAX6628 |
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote 【1∑C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote ?à1??C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote 1C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SD946BR 2SD946S 2SD946AS 2SD946BS 2SD946BQ 2SD946 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 1A I(C) | TO-126 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 50V五(巴西)总裁| 1A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁| 1A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 25V的五(巴西)总裁| 1A条一(c)|26
|
TE Connectivity, Ltd.
|
LT146809 LT1468CDDTRPBF LT1468IDDTRPBF LT1468AIDDT |
16-Bit Accurate Operational Amplifi er 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 500 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TC6502 TC6504P005VCT TC6501 TC6501P115VCT TC6501P1 |
The TC6501 through TC6504 are SOT-23 temperature switches that require no external components and the design is facilitated with factory programmed temperature thresholds. A choice of factory-trimmed temperature trip points are available. From old datasheet system (TC6501 - TC6504) Ultra Small Temperature Switches with Pin Selectable Hysteresis Ultra Small Temperature Switches with Pin Selectable Hysteresis 超小型温度开关,引脚可选择迟滞
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
2SK1974 2SK1976 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 5A条(丁)|20VAR
|
Hitachi,Ltd.
|